Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download TC74HC161AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC161,163AP/AF/AFN
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC161AP,TC74HC161AF,TC74HC161AFN TC74HC163AP,TC74HC163AF,TC74HC163AFN
Synchronous Presettable 4-Bit Counter TC74HC161AP/AF/AFN Binary, Asynchronous Clear TC74HC163AP/AF/AFN Binary, Synchronous Clear
The TC74HC161A and 163A are high speed CMOS BINARY PRESETTABLE COUNTERs fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. The CK input is active on the rising edge. Both LOAD and CLR inputs are active on low logic level. Presetting of their IC's is synchronous to the rising edge of CK. The clear function of the TC74HC163A is synchronous to CK, while the TC74HC161A is cleared asynchronously. Two enable inputs (ENP and ENT) and CO are provided to enable easy cascading of counters, which facilitates easy implementation of n-bit counters without using external gates. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74HC161AP, TC74HC163AP
TC74HC161AF, TC74HC163AF
TC74HC161AFN, TC74HC163AFN
Features
* * * * *
*
High speed: fmax = 63 MHz (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Output drive capability: 10 LSTTL loads Symmetrical output impedance: |IOH| = IOL = 4 mA (min) Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2 to 6 V Pin and function compatible with 74LS161, 163 Weight DIP16-P-300-2.54A SOP16-P-300-1.27A SOL16-P-150-1.27 : 1.00 g (typ.) : 0.18 g (typ.) : 0.13 g (typ.)
* *
Pin Assignment
1
2007-10-01
TC74HC161,163AP/AF/AFN
IEC Logic Symbol
TC74HC161A TC74HC163A
Truth Table
TC74HC161A Inputs
CLR
TC74HC163A Inputs
Outputs
Function QD L D Reset to "0" Preset Data No Count No Count Count No Count
LD X L H H H X
ENP X X X L H X
ENT X X L X H X
CK X
CLR
LD X L H H H X
ENP X X X L H X
ENT X X L X H X
CK
QA L A
QB L B
QC L C
L H H H H H
L H H H H X
No Change No Change Count Up No Change
X: Don't care A, B, C, D: Logic level of data inputs Carry: Carry = ENTQAQBQCQD
2
2007-10-01
TC74HC161,163AP/AF/AFN
Timing Chart
3
2007-10-01
TC74HC161,163AP/AF/AFN
System Diagram
(Note)
(Note)
(Note)
(Note)
Note:
Truth table of internal F/F
TC74HC161A D X L H X CK X R L H H H Q L L H
Q
TC74HC163A D X L H L CK R L H H H Q L L H
Q
H H L
H H L
No Change
No Change
X: Don't care
4
2007-10-01
TC74HC161,163AP/AF/AFN
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50
Unit V V V mA mA mA mA mW C
500 (DIP) (Note 2)/180 (SOP)
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2 to 6 0 to VCC 0 to VCC
-40 to 85
Unit V V V C
0 to 1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
5
2007-10-01
TC74HC161,163AP/AF/AFN
Electrical Characteristics
DC Characteristics
Characteristics Symbol Test Condition VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40 to 85C Max

Unit
Typ.

Min 1.50 3.15 4.20

Max

4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68

2.0 4.5 6.0 4.31 5.80 0.0 0.0 0.1 0.17 0.18

1.9 4.4 5.9 4.13 5.63

IOH = -20 A High-level output voltage VOH VIN = VIH or VIL IOH = -4 mA IOH = -5.2 mA IOL = 20 A Low-level output voltage VOL VIN = VIH or VIL IOL = 4 mA IOL = 5.2 mA Input leakage current Quiescent supply current IIN ICC VIN = VCC or GND VIN = VCC or GND
4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0
V
0.1 0.1 0.1 0.26 0.26
0.1
0.1 0.1 0.1 0.33 0.33
1.0 A A
V
4.0
40.0
6
2007-10-01
TC74HC161,163AP/AF/AFN
Timing Requirements (input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) Minimum pulse width (CK) tW (H) tW (L) 2.0 Figure 1 4.5 6.0 Ta = 25C Typ.

Ta = -40 to 85C Limit 95 19 16
Unit
Limit 75 15 13
ns
Minimum pulse width ( CLR )
2.0 (Note 1) tW (L) Figure 4 4.5 6.0 2.0 ts Figure 2, Figure 3 4.5 6.0 2.0 ts Figure 2 4.5 6.0 2.0 (Note 2) ts Figure 5 4.5 6.0 2.0
75 15 13 100 20 17 75 15 13 75 15 13 0 0 0 50 10 9 6 31 36
95 19 16 125 25 21 95 19 16 95 19 16 0 0 0 65 13 11 5 25 29 MHz ns ns ns ns ns ns
Minimum set-up time ( LOAD , ENP, ENT)
Minimum set-up time (A, B, C, D)
Minimum set-up time ( CLR )
Minimum hold time
th
Figure 2, Figure 3, Figure 5
4.5 6.0
Minimum removal time ( CLR ) (Note 1)
2.0 trem Figure 4 4.5 6.0 2.0
Clock frequency
f
4.5 6.0
Note 1: For TC74HC161A only Note 2: For TC74HC163A only
7
2007-10-01
TC74HC161,163AP/AF/AFN
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25C, input: tr = tf = 6 ns)
Characteristics Output transition time Propagation delay time (CK-Q) Propagation delay time (CK-CO) [count mode] Propagation delay time (CK-CO) [preset mode] Propagation delay time (ENT-CO) Propagation delay time ( CLR -Q) Propagation delay time ( CLR -CO) Maximum clock frequency (Note) (Note) tpHL tpLH tpHL tpHL tpHL fmax Figure 6 Symbol tTLH tTHL tpLH tpHL tpLH tpHL tpLH Figure 2

Test Condition Figure 1
Min
Typ. 4
Max 8
Unit ns
Figure 1
13
21
ns
Figure 1
16
26
ns
18 20 10
30 ns 35 17 ns
Figure 4
17
26
ns
Figure 4
20 63
35
ns MHz
36
Note:
For TC74HC161A only
8
2007-10-01
TC74HC161,163AP/AF/AFN
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Characteristics Symbol Test Condition VCC (V) tTLH tTHL 2.0
Ta = 25C Min

Ta = -40 to 85C Max 75 15 13 125 25 21 150 30 26 175 35 30 200 40 34 100 20 17 150 30 26 200 40 34

Unit
Typ. 25 7 6 48 16 14 57 19 16 66 22 19 72 24 20 39 13 11 60 20 17 72 24 20 18 53 62 5 34
Min

Max 95 19 16 155 31 26 190 38 33 220 44 37 250 50 43 125 25 21 190 38 33 250 50 43

Output transition time
4.5 6.0 2.0
ns
Propagation delay time (CK-Q) Propagation delay time (CK-CO) [count mode]
tpLH tpHL
Figure 1
4.5 6.0 2.0
ns
tpLH tpHL
Figure 1
4.5 6.0 2.0
ns
Propagation delay time (CK-CO) [preset mode]
tpLH Figure 2 tpHL
4.5 6.0 2.0 4.5 6.0
ns
Propagation delay time (ENT-CO) Propagation delay time ( CLR -Q) (Note 2)
tpLH tpHL
2.0 Figure 6 4.5 6.0 2.0
ns
tpHL
Figure 4
4.5 6.0 2.0
ns
Propagation delay time ( CLR -CO) (Note 2)
tpHL
Figure 4
4.5 6.0 2.0
ns
6 31 36

5 25 29

Maximum clock frequency Input capacitance Power dissipation capacitance
fmax
4.5 6.0
MHz
CIN CPD (Note 1)

10
10
pF pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC When the outputs drive a capacitive load, total current consumption is the sum of CPD, and ICC which is obtained from the following formula: In case of TC74HC161A/163A:
C C C C C ICC = fCK VCC ( QA + QB + QC + QD + CO ) 2 4 8 16 16
CQA~CQD and CCO are the capacitances at QA~QD and CO, respectively. fCK is the input frequency of the CK. Note 2: For TC74HC161A only
9
2007-10-01
TC74HC161,163AP/AF/AFN
Switching Characteristics Test Waveform
Count Mode Clear Mode (TC74HC161A)
Figure 1
Figure 4
Preset Mode
Clear Mode (TC74HC163A)
Figure 2
Figure 5
Count Enable Mode
Cascade Mode (fix maximum count)
Figure 3 10
Figure 6 2007-10-01
TC74HC161,163AP/AF/AFN
Typical Application
Parallel Carry N-Bit Counter
11
2007-10-01
TC74HC161,163AP/AF/AFN
Package Dimensions
Weight: 1.00 g (typ.)
12
2007-10-01
TC74HC161,163AP/AF/AFN
Package Dimensions
Weight: 0.18 g (typ.)
13
2007-10-01
TC74HC161,163AP/AF/AFN
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.13 g (typ.)
14
2007-10-01
TC74HC161,163AP/AF/AFN
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
15
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC161AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X